Part Number Hot Search : 
TF604 IR3Y29BM 7C010 29067202 2SB1710 IDT74FCT SR6ZA024 EGPZ10B
Product Description
Full Text Search
 

To Download EPA1220HL-440 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  e l e c t r o n i c s i n c . 16799 schoenborn st. north hills, ca 91343 tel: (818) 892-0761 fax: (818) 894-5791 tap delays total delays part ?% or ? ns ?% or ? ns number 80, 160, 240, 320 400 epa1220hl-400 84, 168, 252, 336 420 epa1220hl-420 88, 176, 264, 352 440 EPA1220HL-440 90, 180, 270, 360 450 epa1220hl-450 94, 188, 282, 376 470 epa1220hl-470 100, 200, 300, 400 500 epa1220hl-500 110, 220, 330, 440 550 epa1220hl-550 120, 240, 360, 480 600 epa1220hl-600 130, 260, 390, 520 650 epa1220hl-650 140, 280, 420, 560 700 epa1220hl-700 150, 300, 450, 600 750 epa1220hl-752 160, 320, 480, 640 800 epa1220hl-800 170, 340, 510, 680 850 epa1220hl-850 180, 360, 540, 720 900 epa1220hl-900 190, 380, 570, 760 950 epa1220hl-950 200, 400, 600, 800 1000 epa1220hl-1000 tap delays total delays part ?% or ? ns ?% or ? ns number 5, 10, 15, 20 25 epa1220hl-25 6, 12, 18, 24 30 epa1220hl-30 7, 14, 21, 28 35 epa1220hl-35 8, 16, 24, 32 40 epa1220hl-40 9, 18, 27, 36 45 epa1220hl-45 10, 20, 30, 40 50 epa1220hl-50 12, 24, 36, 48 60 epa1220hl-60 15, 30, 45, 60 75 epa1220hl-75 20, 40, 60, 80 100 epa1220hl-100 25, 50, 75, 100 125 epa1220hl-125 30, 60, 90, 120 150 epa1220hl-150 35, 70, 105, 140 175 epa1220hl-175 40, 80, 120, 160 200 epa1220hl-200 45, 90, 135, 180 225 epa1220hl-225 50, 100, 150, 200 250 epa1220hl-250 60, 120, 180, 240 300 epa1220hl-300 70, 140, 210, 280 350 epa1220hl-350 14 pin dip 5 tap ttl compatible high speed active delay lines delay times referenced from input to leading edges at 25?, 5.0v, with no load. epa1220hl 5/3/93 package dimensions v cc supply voltage 4. 75 5.25 v v ih high-level input voltage 2. 0 v v il low-level input voltage 0.8 v i ik input clamp current -18 ma i oh high-level output current -1.0 ma i ol low-level output current 20 ma p w * pulse width of total delay 40 % d* duty cycle 40 % t a operating free-air temperature -55 +125 ? v oh high-level output voltage v cc = min. v il = max. i oh = max 2.7 v v ol low-level output voltage v cc = min. v ih = min. i ol = max 0.5 v v ik input clamp voltage v cc = min. i i = ii k -1.2 v i ih high-level input current v cc = max. v in = 2.7v 50 ? v cc = max. v in = 5.25v 1.0 ma i il low-level input current v cc = max. v in = 0.5v -2 ma i os short circuit output current v cc = max. v out = 0. -40 -100 ma (one output at a time) i cch high-level supply current v cc = max. v in = open 75 ma i ccl low-level supply current v cc = max. v in = 0 75 ma t ro output rise time td 500 ns (0.75 to 2.4 volts) 4 ns td > 500 ns 5 ns n h fanout high-level output v cc = max. v oh = 2.7v 20 ttl load n l fanout low-level output v cc = max. v ol = 0.5v 10 ttl load dc electrical characteristics parameter test conditions min max unit recommended operating conditions min max unit e in pulse input voltage 3.2 volts p w pulse width % of total delay 110 % t ri pulse rise time (0.75 - 2.4 volts) 2.0 ns p rr pulse repetition rate @ td 200 ns 1.0 mhz pulse repetition rate @ td > 200 ns 100 khz v cc supply voltage 5.0 volts input pulse test conditions @ 25?c unit *these two values are inter-dependent. schematic 12 4 10 6 8 1 7 output ground input 14 vcc .365 max. .780 max. .280 max. pca epa1220hl-xx date code .010 typ. .150 typ. .020 min. .200 max. .020 typ. white dot pin#1 .100 .300 .200


▲Up To Search▲   

 
Price & Availability of EPA1220HL-440

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X